Part Number Hot Search : 
MN15843 PCK3807A PMX1GJ OP216C MC380A2 VN2210 CM3001 HCT1G
Product Description
Full Text Search
 

To Download BZX84C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BZX84C SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 - 39 Volts
POWER
410 mWatts
SOT- 23
Unit: inch (mm)
FEATURES
* Planar Die construction * 410mW Power Dissipation
.056(1.40) .047(1.20)
.119(3.00) .110(2.80)
* Ideally Suited for Automated Assembly Processes * Pb free product are available : 99% Sn above can meet Rohs
environment substance directive request
.007(.20)MIN
MECHANICAL DATA
* Case: SOT-23, Molded Plastic * Terminals: Solderable per MIL-STD-202G, Method 208 * Polarity: See Diagram Below * Approx. Weight: 8mg * Mounting Position: Any
.083(2.10) .066(1.70)
.006(.15) .002(.05)
.006(.15)MAX
.020(.50) .013(.35)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
P ar m et r a e M axi um For ar Volage D r p atI =10m A m wd t o F P ow erD i si aton ( ot s A )at25O C spi N e P eak For ar S ur e C urent 8. m s si gl hal wd g r ,3 ne f si e- ave superm posed on r t d l ad ( E D E C m et od) ( ot s B ) nw i ae o J h Ne O per tng Juncton and S t r geTem per t r R ange ai i oa aue S ym bol VF PD
FSM I
Val e u 0. 9 410 2. 0 - 5 t +150 5o
.044(1.10)
.035(0.90)
.103(2.60)
U nis t V mW A m ps
O
TJ
SINGLE
( Note C )
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. C. For Structure Purpose only.
.086(2.20)
C
STAD-NOV.19.2004
PAGE . 1
Nominal Zener Voltage Part Number Marking C ode
No m. V
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
mA
Max Reverse Leakage Current IR @ VR
uA V
V Z @ IZT
M i n. V M a x. V
mA
410 mWatts Zener Diodes
BZX84C2V4 BZX84C2V7 BZX84C3 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39 W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3
STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " B " FOR + 2% SUFFIX " C " FOR + 5%
STAD-NOV.19.2004
PAGE . 2
TEMPERATURE COEFFICIENT,(mA/ OC)
8 7 6 5 4 3 2
1
TEMPERATURE COEFFICIENT,(mA/ OC)
100
10
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
1 10
100
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
1000
DYNAMIC IMPEDANCE,W FORWARD CURRENT,mA
1000
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
IZ = 1 mA
100
5 mA
20 mA
100
10
10
150 C
75OC
O
25 C
O
5C
O
1
1
10
NORMAL ZENER VOLTAGE, VOLTS
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, VOLTS
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
Fig.4 TYPICAL FORWARD VOLTAGE
1000
0.6
POWER DISSIPATION, Watts
0 V BIAS 1 V BIAS
T A =25 C
O
TA=25 oC
0.5 0.4 0.3
CAPACITANCE,pF
100
BIASAT 50% OF VZ NOM
10
0.2 0.1
1
0
0 25 50 75
O
1
10
NORMAL ZENER VOLTAGE, VOLTS
100
100
125
150
TEMPERATURE ( C)
Fig.5 STEADY STATE POWER DERATING
Fig.6 TYPICAL CAPACITANCE
STAD-NOV.19.2004
PAGE . 3
100
TA=25 C
o
100
TA=25 oC
ZENER CURRENT,mA
10
ZENER CURRENT,mA
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01 10
30
50
70
90
ZENER VOLTAGE, VOLTS Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
ZENER VOLTAGE, VOLTS Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
1000
LEAKAGE CURRENT,uA
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150 C
O
+25 C -55 C
80 90
O
O
NORMAL ZENER VOLTAGE, VOLTS
Fig.9 TYPICAL LEAKAGE CURRENT
STAD-NOV.19.2004
PAGE . 4
MOUNTING PAD LAYOUT
SOT-23
Unit: inch (mm)
0.035(0.9)
0.031(0.8)
0.037(0.95)
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3.0K per 7" plastic Reel
LEGAL STATEMENT
IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
STAD-NOV.19.2004
0.078(2.0)
PAGE . 5


▲Up To Search▲   

 
Price & Availability of BZX84C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X